Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331BIDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL331BIDBVR
Description  TL331B, TL391B and TL331 Single Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331BIDBVR Datasheet(HTML) 2 Page - Texas Instruments

  TL331BIDBVR Datasheet HTML 1Page - Texas Instruments TL331BIDBVR Datasheet HTML 2Page - Texas Instruments TL331BIDBVR Datasheet HTML 3Page - Texas Instruments TL331BIDBVR Datasheet HTML 4Page - Texas Instruments TL331BIDBVR Datasheet HTML 5Page - Texas Instruments TL331BIDBVR Datasheet HTML 6Page - Texas Instruments TL331BIDBVR Datasheet HTML 7Page - Texas Instruments TL331BIDBVR Datasheet HTML 8Page - Texas Instruments TL331BIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
TL331, TL331B, TL391B
SLVS238H – AUGUST 1999 – REVISED MAY 2020
www.ti.com
Product Folder Links: TL331 TL331B TL391B
Submit Documentation Feedback
Copyright © 1999–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings, TL331 and TL331K ..... 4
6.2
Absolute Maximum Ratings, TL331B and TL391B... 4
6.3
ESD Ratings, TL331 and TL331K............................. 4
6.4
ESD Ratings, TL331B and TL391B .......................... 5
6.5
Recommended Operating Conditions, TL331 and
TL331K....................................................................... 5
6.6
Recommended Operating Conditions, TL331B and
TL391B....................................................................... 5
6.7
Thermal Information .................................................. 5
6.8
Electrical Characteristics, TL331B and TL391B ....... 6
6.9
Switching Characteristics, TL331B and TL391B....... 6
6.10
Electrical Characteristics, TL331 and TL331K........ 7
6.11
Switching Characteristics, TL331 and TL331K ....... 7
6.12
Typical Characteristics, TL331 and TL331K ........... 8
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Application ................................................. 10
9
Power Supply Recommendations ...................... 12
10
Layout................................................................... 12
10.1
Layout Guidelines ................................................. 12
10.2
Layout Example .................................................... 12
11
Device and Documentation Support ................. 13
11.1
Documentation Support ........................................ 13
11.2
Receiving Notification of Documentation Updates 13
11.3
Community Resources.......................................... 13
11.4
Trademarks ........................................................... 13
11.5
Electrostatic Discharge Caution ............................ 13
11.6
Glossary ................................................................ 13
12
Mechanical, Packaging, and Orderable
Information ........................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (January 2015) to Revision H
Page
•
Added TL331B and TL391B tables and pinouts, Updated front page for new B devices for APL......................................... 1
•
Added Family Comparison Table to Front Page .................................................................................................................... 1
•
Added Input current, IIK in Absolute Maximum Ratings.......................................................................................................... 4
•
Changed incorrect TL331 and TL331K Temp Ranges in Recommended Operating Conditions .......................................... 5
•
Changed text from: open-drain output to: open-collector output ........................................................................................... 9
•
Removed sentence: This is enables much head room for modern day supplies of 3.3 V and 5.0 V. .................................. 9
•
Changed the text 'The output NPN will sink current when the positive input voltage is higher than the negative input
voltage and the offset voltage' to 'The output NPN will sink current when the negative input voltage is higher than
the positive input voltage and the offset voltage.'................................................................................................................... 9
•
Changed Output Current specifications from: to: in Design Parameters ............................................................................. 10
•
Changed first paragraph of the Response Time section ..................................................................................................... 11
•
Added Receiving Notification of Documentation Updates section and Community Resources section .............................. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com