Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3707ZPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRF3707ZPBF
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3707ZPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF3707ZPBF Datasheet HTML 4Page - International Rectifier IRF3707ZPBF Datasheet HTML 5Page - International Rectifier IRF3707ZPBF Datasheet HTML 6Page - International Rectifier IRF3707ZPBF Datasheet HTML 7Page - International Rectifier IRF3707ZPBF Datasheet HTML 8Page - International Rectifier IRF3707ZPBF Datasheet HTML 9Page - International Rectifier IRF3707ZPBF Datasheet HTML 10Page - International Rectifier IRF3707ZPBF Datasheet HTML 11Page - International Rectifier IRF3707ZPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRF3707Z/S/LPbF
www.irf.com
11
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
ASSE MBL Y
LOT CODE
RE CT IF IE R
INT E RNAT IONAL
AS S E MB L E D ON WW 19, 1997
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
IN T HE AS S E MB LY LINE "C"
LOGO
T HIS IS AN IRL 3103L
L OT CODE 1789
EXAMPLE:
LINE C
DAT E CODE
WEEK 19
YE AR 7 = 1997
PART NU MBE R
PART NUMB E R
LOGO
LOT CODE
ASSEMB L Y
INT E RNAT IONAL
RE CT IF IER
PRODUCT (OPT IONAL)
P = DE S IGNAT E S LE AD-F REE
A = ASSE MB L Y SIT E CODE
WEEK 19
YE AR 7 = 1997
DAT E CODE
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com