Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Formosa MS

Part # LL4148
Description  MINI-MELF Switching Diode - Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LL4148 Datasheet(HTML) 1 Page - Formosa MS

  LL4148 Datasheet HTML 1Page - Formosa MS LL4148 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINI-MELF Switching Diode
LL4148
Silicon epitaxial planar type
Features
Small surface mounting type
High reliability
High speed ( trr < 4 ns )
Mechanical data
Case : Glass, SOD-80 (MINI-MELF)
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cat hode band
Mounting Position : Any
Weight : 0.015 gram
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage
VR
75
V
Peak forward surge current
tp= 1 us
IFSM
2.0
A
Repetitive peak forward voltage
IFRM
500
mA
Forward current
IF
300
mA
Average forward current
VR = 0
IFAV
150
mA
Power dissipation
PV
500
mW
Junction temperature
Tj
175
oC
Storage temperature
TSTG
-55
+175
oC
Formosa MS
SOD-80
Dimensions in inches and (millimeters)
.063(1.6)
.055(1.4)
.146(3.7)
.130(3.3)
.012(.30)
SOLDERABLE
ENDS
.063(1.6)
.055(1.4)
.146(3.7)
.130(3.3)
.012(.30)
SOLDERABLE
ENDS
ELECTRICAL CHARACTERISTICS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
IF = 5mA
VF
0.62
0.72
V
IF = 10mA
VF
0.86
1.00
V
VR = 20V
IR
25
nA
VR = 20V , Tj = 150
oC
IR
50
uA
VR = 75V
IR
5.0
uA
Breakdown current
IR = 100uA , TP/T = 0.01 TP = 0.3ms
V(BR)
100
V
Diode capacitance
VR = 0 , f = 1MHz , VHF = 50mV
CD
4.0
pF
Rectification efficiency
VHF = 2V , f = 100MHz
nR
45
%
IF = IR = 10mA , IRR = 1mA
trr
8
ns
Reverse recovery time
IF =10mA, VR =6V, IRR = 0.1 X IR, RL=100OHM
trr
4
ns
Forward voltage
Reverse current


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
MINI-MELF-SMD Silicon Diode
logo
Formosa MS
1N914 FORMOSA-1N914 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
BAS16 FORMOSA-BAS16 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
MCL4448 FORMOSA-MCL4448 Datasheet
70Kb / 2P
Switching Diode - Silicon epitaxial planar type
logo
Frontier Electronics.
MM4148 FRONTIER-MM4148 Datasheet
182Kb / 3P
MINI MELF SILICON EPITAXIAL PLANAR DIODE
MM4148-LFR FRONTIER-MM4148-LFR Datasheet
182Kb / 3P
MINI MELF SILICON EPITAXIAL PLANAR DIODE
logo
WILLAS ELECTRONIC CORP
MM4148 WILLAS-MM4148 Datasheet
374Kb / 3P
Mini Melf Switching diode
MM4148 WILLAS-MM4148 Datasheet
374Kb / 3P
Mini Melf Switching diode
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com