Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3N06G-AE3-R Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # UT3N06G-AE3-R
Description  N-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT3N06G-AE3-R Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  UT3N06G-AE3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT3N06G-AE3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
1
2
4
6
0
1234
5
VDS - Drain-to-Source Voltage (V)
VGS =10thru 5 V
VGS =2 V
VGS =3 V
VGS =4 V
0.04
0.08
0.12
0.16
0.20
02
4
6
8
10
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0
1234
5
ID = 2 .5 A
Qg - Total Gate Charge (nC)
VDS =48V
VDS =30 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
0.0
0.7
1.4
2.1
2.8
3.5
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC =25 °C
TC = - 55 °C
Crss
0
60
120
180
240
300
0
102030
405060
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =10 V,I D = 2. 5 A
VGS =4.5 V,ID =1.7 A
UT3N06G-AE3-R
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com