Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2302L-AE3-R Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # UT2302L-AE3-R
Description  N-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT2302L-AE3-R Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  UT2302L-AE3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT2302L-AE3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
VGS =10Vthru3V
VGS =2.5V
VGS =1V
VDS - Drain-to-Source Voltage (V)
0.020
0.025
0.030
0.035
0.040
0.045
0
5
10
15
20
VGS =1.8 V
VGS =4.5 V
VGS =2.5 V
ID - Drain Current (A)
0
1
2
3
4
5
0
2468
10
VDS =16V
ID =5A
VDS =10V
VDS =5V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.3
0.6
0.9
1.2
1.5
TC = 25 °C
TC =125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
300
600
900
1200
0
5
10
15
20
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.70
0.95
1.20
1.45
1.70
- 50
- 25
0
25
50
75
100
125
150
VGS = 2.5 V, I = 4.7 A
VGS =4.5 V, ID =5 A
TJ - Junction Temperature (°C)
D
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT2302L-AE3-R
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com