Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2955G-TN3-R Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # UT2955G-TN3-R
Description  P-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT2955G-TN3-R Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  UT2955G-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT2955G-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT2955G-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT2955G-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT2955G-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT2955G-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT2955G-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT2955G-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1.0
- 2.0
- 3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 60 V, VGS = 0 V
- 1
µA
VDS = - 60 V, VGS = 0 V, TJ = 125 °C
- 50
VDS = - 60 V, VGS = 0 V, TJ = 175 °C
- 150
On-State Drain Currentb
ID(on)
VDS = - 5 V, VGS = - 10 V
- 10
A
Drain-Source On-State Resistanceb
rDS(on)
VGS = - 10 V, ID = - 5 A
0.100
Ω
VGS = - 10 V, ID = - 5 A, TJ = 125 °C
VGS = - 10 V, ID = - 5 A, TJ = 175 °C
0.150
VGS = - 4.5 V, ID = - 2 A
0.072
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 5 A
8S
Dynamic
Input Capacitance
Ciss
VDS = - 25 V, VGS = 0 V, f = 1 MHz
1000
pF
Output Capacitance
Coss
120
Reverse Transfer Capacitance
Crss
100
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 10 V, ID = - 8.4 A
10
nC
Gate-Source Charge
Qgs
2.1
Gate-Drain Charge
Qgd
3.2
Gate Resistance
Rg
f = 1 MHz
8.0
Ω
Turn-On Delay Timec
td(on)
VDD = - 30 V, RL = 3.57 Ω
ID ≅ - 8.4 A, VGEN = - 10 V, RG = 2.5 Ω
6
ns
Rise Timec
tr
15
Turn-Off Delay Timec
td(off)
16
Fall Timec
tf
8
Source-Drain Diode Ratings and Characteristics (TC = 25 °C)
b
Pulsed Current
ISM
- 50
A
Forward Voltageb
VSD
IF = - 2 A, VGS = 0 V
- 0.9
- 1.3
V
Reverse Recovery Time
trr
IF = - 8 A, di/dt = 100 A/µs
50
ns
Reverse Recovery Time
Qrr
80
nC
0.061
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT2955G-TN3-R
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com