Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6898G-S08-R Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # UT6898G-S08-R
Description  Dual N-Channel 20-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT6898G-S08-R Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  UT6898G-S08-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT6898G-S08-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID =5mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.03
0.06
0.09
0.12
0.15
012
345
67
8
910
ID =5A
TJ =25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
Time (s)
10
1000
0.1
0.01
0.001
100
1
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 ms
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
1s
10 s
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
UT6898G-S08-R
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com