Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC6A09DN8TC Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # ZXMC6A09DN8TC
Description  N- and P-Channel 60-V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMC6A09DN8TC Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  ZXMC6A09DN8TC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd ZXMC6A09DN8TC Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
N-CHANNEL TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.4
1
10
20
0.0
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0
2468
10
ID = 4.3 A
VGS - Gate-to-Source Voltage (V)
0
15
25
5
10
Time (s)
20
1
1000
0.1
0.01
10
100
Safe Operating Area
100
1
0.1
1
10
100
0.001
10
TA = 25 °C
Single Pulse
0.1
*
DS(on)
Limited by R
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
0.01
1 ms
10 ms
100 ms
DC
100 µs
1 s
10 s
>
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
ZXMC6A09DN8TC
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com