Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD15CM Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASD15CM
Description  1-Line 15V Bi-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASD15CM Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASD15CM Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASD15CM Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASD15CM Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASD15CM Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision 2
1 of 4
www.appliedpowermicro.com
Description
The ASD15CM is designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones,
notebook computers and PDA’s, using monolithic silicon
technology to provide fast response time and ultra low
ESD clamping voltage, making this device an ideal solu-
tion for protecting sensitive semiconductor components
from damage. The ASD15CM complies with the IEC
61000-4-2 (ESD) with ±30kV air and ±30kV contact dis-
charge. The ASD15CM is assembled into a lead-free
SOD-323 package and will protect one bidirectional line.
These devices will fit on the same PCB pad area as an
0805 MLV device.
Features
450W peak pulse power (8/20μs)
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 15V
Ultra low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 18A (8/20μs)
RoHS Compliant
ASD15CM
1-Line 15V Bi-directional TVS Diode
Part Number
Packaging
Reel Size
ASD15CM
3000/Tape & Reel
7 inch
SOD-323
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOD-323
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Peripherals
Pagers Peripherals
Desktop and Servers
Marking Information
Ordering Information
333
15CM


Similar Part No. - ASD15CM

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASD15C APMICRO-ASD15C Datasheet
766Kb / 7P
1-Line Bi-directional TVS Diode
logo
Shanghai Shunye Electro...
ASD15C SHUNYE-ASD15C Datasheet
1Mb / 7P
1-Line Bi-directional TVS Diode
V2.22
More results

Similar Description - ASD15CM

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com