Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD33 Datasheet(PDF) 3 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASD33
Description  1-Line Uni-directional TVS Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASD33 Datasheet(HTML) 3 Page - Applied Power Microelectronics Co.,Ltd.

  ASD33 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASD33 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASD33 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASD33 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASD33 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASD33 Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd. ASD33 Datasheet HTML 7Page - Applied Power Microelectronics Co.,Ltd. ASD33 Datasheet HTML 8Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Revision 12/2017
3 of 8
www.appliedpowermicro.com
ASD33 through ASD40
ASD05
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
5
V
Breakdown Voltage
VBR
6
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 5V
Forward Voltage
VF
0.8
1.2
V
IF = 10mA
Clamping Voltage
VC
9.5
V
IPP = 5A (8 x 20µs pulse)
Clamping Voltage
VC
14
V
IPP = 36A (8 x 20µs pulse)
Peak Pulse Current
Ipp
34
A
tp = 8/20μs
Junction Capacitance
CJ
300
pF
VR = 0V, f = 1MHz
ASD08
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
8
V
Breakdown Voltage
VBR
8.5
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 9V
Forward Voltage
VF
0.8
1.2
V
IF = 10mA
Clamping Voltage
VC
12
V
IPP = 5A (8 x 20µs pulse)
Clamping Voltage
VC
18
V
IPP = 28A (8 x 20µs pulse)
Peak Pulse Current
Ipp
34
A
tp = 8/20μs
Junction Capacitance
CJ
250
pF
VR = 0V, f = 1MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com