Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD15 Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASD15
Description  1-Line Uni-directional TVS Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASD15 Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASD15 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASD15 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASD15 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASD15 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASD15 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASD15 Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd. ASD15 Datasheet HTML 7Page - Applied Power Microelectronics Co.,Ltd. ASD15 Datasheet HTML 8Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision 12/2017
1 of 8
www.appliedpowermicro.com
Description
The ASDXX is designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones,
notebook computers and PDA’s, using monolithic silicon
technology to provide fast response time and ultra low
ESD clamping voltage, making this device an ideal solu-
tion for protecting sensitive semiconductor components
from damage. The ASDXX complies with the IEC 61000-
4-2 (ESD) with ±30kV air and ±30kV contact discharge.
The ASDXX is assembled into a lead-free SOD-323
package and will protect one unidirectional line. These
devices will fit on the same PCB pad area as an 0805
MLV device.
Features
500W peak pulse power (8/20μs)
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 3.3V, 5V,12V, 15V, 24V, 36V, 40V
Ultra low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
RoHS Compliant
ASD33 through ASD40
1-Line Uni-directional TVS Diode
Part Number
Packaging
Reel Size
ASD33
3000/Tape & Reel
7 inch
ASD05
3000/Tape & Reel
7 inch
ASD08
3000/Tape & Reel
7 inch
ASD12
3000/Tape & Reel
7 inch
ASD15
3000/Tape & Reel
7 inch
ASD24
3000/Tape & Reel
7 inch
ASD36
3000/Tape & Reel
7 inch
ASD40
3000/Tape & Reel
7 inch
Bar denotes cathode
SOD-323
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOD-323
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Peripherals
Pagers Peripherals
Marking Information
Ordering Information
3XX
Part Number
Marking
ASD33
333
ASD05
305
ASD08
308
ASD12
312
ASD15
315
ASD24
324
ASD36
336
ASD40
340
3XX


Similar Part No. - ASD15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
PAIRUI GROUP INC.
ASD15-12 PAIRUI-ASD15-12 Datasheet
167Kb / 4P
AC-DC Converter
logo
List of Unclassifed Man...
ASD15-12D12 ETC2-ASD15-12D12 Datasheet
323Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD15-12D12 ASTRODYNE-ASD15-12D12 Datasheet
263Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
More results

Similar Description - ASD15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
1-Line Uni-directional TVS Diode
AU2471P1 APMICRO-AU2471P1 Datasheet
612Kb / 4P
1-Line Uni-directional TVS Diode
AU3601P1 APMICRO-AU3601P1 Datasheet
404Kb / 4P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0371P6W LEIDITECH-SD0371P6W Datasheet
3Mb / 6P
1-Line Uni-directional TVS Diode
SDA3611DN LEIDITECH-SDA3611DN Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
SD2471P6W LEIDITECH-SD2471P6W Datasheet
3Mb / 3P
1-Line Uni-directional TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com