Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM712H Datasheet(PDF) 3 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASM712H
Description  Asymmetrical TVS Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASM712H Datasheet(HTML) 3 Page - Applied Power Microelectronics Co.,Ltd.

  ASM712H Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASM712H Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASM712H Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASM712H Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASM712H Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASM712H Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Revision 2.1
3 of 6
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
ASM712H
Peak Pulse Power vs. Pulse Time
Power Derating Curve
8 X 20μs Pulse Waveform
Junction Capacitance vs. Reverse Voltage
Clamping Voltage vs. Peak Pulse Current
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
Peak Pulse Current_Ipp (A)
Pin 1 or Pin 2 to Pin 3
Pin 3 to Pin 1 or Pin 2
Waveform
Parameter
td=8μs
tr=20μs
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration_tp(μs)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
2
4
6
8
10
12
Reverse Voltage_VR (V)
Pin 1 or Pin 2 to Pin 3
Pin 3 to Pin 1 or Pin 2
Pin 3 to pin1 or pin2
Pin 1 or pin 2 to pin 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com