Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMF05L Datasheet(PDF) 4 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASMF05L
Description  4-Line TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASMF05L Datasheet(HTML) 4 Page - Applied Power Microelectronics Co.,Ltd.

  ASMF05L Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASMF05L Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASMF05L Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASMF05L Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Revision, 12/2017
4 of 4
www.appliedpowermicro.com
SOT-353 Package Outline Drawing
Suggested Land Pattern
Contact Information
Applied Power Microelectronics Co., Ltd.
Website: http://www.appliedpowermicro.com
Email: sales@appliedpowermicro.com
Phone: +86 (0519) 8399 3606
ASMF05L
Applied Power Microelectronics Co., Ltd. (APM) reserves the right to make changes to the product specification and data in this document without notice. APM makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does APM assume any liability arising from the application or use of any products or circuits, and specifically dis-
claims any and all liability, including without limitation special, consequential or incidental damages.
SYM
DIMENSIONS
MILLIMETERS
INCHES
C
1.85
0.073
G
1.00
0.039
P
0.65
0.026
X
0.40
0.016
Y
0.85
0.033
Z
2.70
0.106
X
P
SYM
DIMENSIONS
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.900
-
1.100
0.035
-
0.043
A1
0.000
-
0.100
0.000
-
0.004
A2
0.900
-
1.000
0.035
-
0.039
b
0.150
-
0.350
0.006
-
0.014
c
0.080
-
0.150
0.003
-
0.006
D
2.000
-
2.200
0.079
0.087
E
2.150
-
2.450
0.085
-
0.096
E1
1.150
-
1.350
0.045
-
0.053
e
0.650 TYP.
0.026 TYP.
e1
1.200
-
1.400
0.047
-
0.055
L
0.260
-
0.460
0.010
-
0.018
L1
0.525 REF.
0.021 REF.
θ
0°
-
0°
-
8°
8°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com