Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMF05R Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASMF05R
Description  4-Line TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASMF05R Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASMF05R Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASMF05R Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASMF05R Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASMF05R Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision 1.0
1 of 4
www.appliedpowermicro.com
Description
The ASMF05R is a 5V TVS array, utilizing leading mono-
lithic silicon technology to provide fast response time and
low ESD clamping voltage, making this device an ideal
solution for protecting voltage sensitive high-speed data
lines. The ASMF05R complies with the IEC 61000-4-2
(ESD) with ±20kV air and ±20kV contact discharge. It is
assembled into a 5-Pin lead-free SOT-353 package. The
low clamping voltage array make it ideal for use in porta-
ble electronics such as cell phones, PDAs, and digital
cameras.
Features
Low leakage current
Operating voltage: 5V
Low clamping voltage
JEDEC SOT-353 package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±20kV
– IEC61000-4-5 (Lightning) 2.5A (8/20μs)
RoHS Compliant
ASMF05R
4-Line TVS Array
Part Number
Packaging
Reel Size
ASMF05R
3000/Tape & Reel
7 inch
F05R = Device Marking Code
Dot denotes Pin1
Pin Configuration
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOT-353
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
Peripherals
Industrial Equipment
Notebook Computers
Portable Instrumentation
Microprocessor Based Equipment
Cell Phone Handsets and Accessories
Personal Digital Assistants (PDAs) and Pagers
Marking Information
Ordering Information
F05R


Similar Part No. - ASMF05R

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASMF05C APMICRO-ASMF05C Datasheet
483Kb / 4P
5-Line TVS Array
ASMF05L APMICRO-ASMF05L Datasheet
477Kb / 4P
4-Line TVS Array
More results

Similar Description - ASMF05R

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASMF05L APMICRO-ASMF05L Datasheet
477Kb / 4P
4-Line TVS Array
logo
TECH PUBLIC Electronics...
SRV05-4 TECHPUBLIC-SRV05-4 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPAZC199-04S TECHPUBLIC-TPAZC199-04S Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPCM1213A-04SO TECHPUBLIC-TPCM1213A-04SO Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPCM1293A-04SO TECHPUBLIC-TPCM1293A-04SO Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPIP4220CZ6 TECHPUBLIC-TPIP4220CZ6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPNUP4114HMR6T1G TECHPUBLIC-TPNUP4114HMR6T1G Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
TPUSBLC6-4SC6 TECHPUBLIC-TPUSBLC6-4SC6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
logo
First Silicon Co., Ltd
FESD0514C6 FS-FESD0514C6 Datasheet
872Kb / 4P
Low Capactiance 4-Line TVS Array
2022. 07. 13 Revision No : 0
logo
Guangdong Youtai Semico...
SRV05-4.TCT UMW-SRV05-4.TCT Datasheet
868Kb / 4P
Low Capactiance 4-Line TVS Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com