Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF21 Datasheet(PDF) 1 Page - Formosa MS

Part # SF21
Description  2.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF21 Datasheet(HTML) 1 Page - Formosa MS

  SF21 Datasheet HTML 1Page - Formosa MS SF21 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
2.0
60
5.0
50
60
-65
+150
A
A
V
mA
mA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.40 grams
SF21 THRU SF28
35
VOLTAGE RANGE
50 to 600 Volts
CURRENT
2.0 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range TJ, TSTG
C
SF21 SF22 SF23 SF24 SF25 SF26
SF27
SF28
UNITS
50
100
150
200
300
400
500
600
V
0.95
1.25
1.50
35
70
105
140
210
280
350
420
V
50
100
150
200
300
400
500
600
V


Similar Part No. - SF21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF21

ManufacturerPart #DatasheetDescription
logo
Bytes
SF21 BYTES-SF21 Datasheet
161Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF21 FORMOSA-SF21 Datasheet
36Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF24GH FORMOSA-SF24GH Datasheet
62Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
UFS20 FCI-UFS20 Datasheet
140Kb / 2P
2.0 Amp SMD SUPER FAST RECTIFIERS
SF21 FCI-SF21 Datasheet
162Kb / 2P
2.0 Amp SUPER FAST PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
SF21 UNIOHM-SF21 Datasheet
70Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF21 GWSEMI-SF21 Datasheet
71Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES2A DGNJDZ-ES2A Datasheet
134Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF21 LUGUANG-SF21 Datasheet
1Mb / 2P
2.0 AMP. Super Fast Rectifiers
logo
Shenzhen Yixinwei Techn...
SF21 YIXIN-SF21 Datasheet
262Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com