Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL34-AL Datasheet(PDF) 1 Page - Formosa MS

Part # SL34-AL
Description  Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL34-AL Datasheet(HTML) 1 Page - Formosa MS

  SL34-AL Datasheet HTML 1Page - Formosa MS SL34-AL Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL32-AL THRU SL34-AL
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AC
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.0015 ounce, 0.05 gram
(V)
(V)
(V)
(V)
(
oC)
SL32-AL
SL32
20
14
20
0.38
SL33-AL
SL33
30
21
30
0.40
SL34-AL
SL34
40
28
40
0.40
SYMBOLS
MARKING
CODE
-55 to +125
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
3.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
80
A
VR = VRRM TA =
25
oC
1.0
mA
VR = VRRM TA = 100
oC
10
mA
Thermal resistance
Junction to ambient
RqJA
50
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
300
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Silicon epitaxial planer type
Formosa MS
Low VF Chip Schottky Barrier Diodes
0.205(5.2)
0.189(4.8)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.181(4.6)
0.165(4.2)
0.075(1.9)
0.067(1.7)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMA-L


Similar Part No. - SL34-AL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL34-AL FORMOSA-SL34-AL Datasheet
166Kb / 7P
3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
PACELEADER INDUSTRIAL
SL34-AL PACELEADER-SL34-AL Datasheet
594Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER
SL34-AL-TH PACELEADER-SL34-AL-TH Datasheet
594Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER
More results

Similar Description - SL34-AL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL12-L FORMOSA-SL12-L Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL12-MH FORMOSA-SL12-MH Datasheet
66Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL13-M FORMOSA-SL13-M Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-L FORMOSA-SL22-L Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-M FORMOSA-SL22-M Datasheet
70Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-MH FORMOSA-SL22-MH Datasheet
78Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL32-A FORMOSA-SL32-A Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SUL32-A FORMOSA-SUL32-A Datasheet
76Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SUL32-AL FORMOSA-SUL32-AL Datasheet
68Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com