Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS33C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS33C
Description  Quad Differential Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS33C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26LS33C Datasheet HTML 1Page - National Semiconductor (TI) DS26LS33C Datasheet HTML 2Page - National Semiconductor (TI) DS26LS33C Datasheet HTML 3Page - National Semiconductor (TI) DS26LS33C Datasheet HTML 4Page - National Semiconductor (TI) DS26LS33C Datasheet HTML 5Page - National Semiconductor (TI) DS26LS33C Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5255
January 1996
DS26LS32CDS26LS32MDS26LS32ACDS26LS33C
DS26LS33MDS26LS33AC Quad Differential Line
Receivers
General Description
The DS26LS32 and DS26LS32A are quad differential line
receivers designed to meet the RS-422 RS-423 and Feder-
al Standards 1020 and 1030 for balanced and unbalanced
digital data transmission
The DS26LS32 and DS26LS32A have an input sensitivity of
200 mV over the input voltage range of g7V and the
DS26LS33 and DS26LS33A have an input sensitivity of
500 mV over the input voltage range of g15V
Both the DS26LS32A and DS26LS33A differ in function
from the popular DS26LS32 and DS26LS33 in that input
pull-up and pull-down resistors are included which prevent
output oscillation on unused channels
Each version provides an enable and disable function com-
mon to all four receivers and features TRI-STATE
outputs
with 8 mA sink capability Constructed using low power
Schottky processing these devices are available over the
full military and commerical operating temperature ranges
Features
Y
High differential or common-mode input voltage ranges
of g7V on the DS26LS32 and DS26LS32A and g15V
on the DS26LS33 and DS26LS33A
Y
g
02V sensitivity over the input voltage range on the
DS26LS32 and DS26LS32A g05V sensitivity on the
DS26LS33 and DS26LS33A
Y
DS26LS32 and DS26LS32A meet all requirements of
RS-422 and RS-423
Y
6k minimum input impedance
Y
100 mV input hysteresis on the DS26LS32 and
DS26LS32A
200
mV
on
the
DS26LS33
and
DS26LS33A
Y
Operation from a single 5V supply
Y
TRI-STATE outputs with choice of complementary out-
put enables for receiving directly onto a data bus
Logic Diagram
TLF5255 – 1
Connection Diagram
Dual-In-Line Package
TLF5255 – 2
Top View
Truth Table
ENABLE
ENABLE
Input
Output
0
1
X
Hi-Z
See
VID t VTH (Max)
1
Note Below
VID s VTH (Min)
0
HI-Z e TRI-STATE
Note Input conditions may be any combination not defined for ENABLE
and ENABLE
Order Number DS26LS32CM DS26LS32CN
DS26LS32MJ DS26LS32ACM DS26LS32ACN
DS26LS33CN DS26LS33MJ or DS26LS33ACN
See NS Package Number J16A M16A or N16A
For Complete Military 883 Specifications
See RETS Data Sheet
Order Number DS26LS32MJ883 DS26LS32MW883
DS26LS33MJ883 DS26LS33MW883
See NS Package Number J16A or W16A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS26LS33C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LS33 TI1-DS26LS33 Datasheet
837Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
DS26LS33A TI1-DS26LS33A Datasheet
837Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
logo
National Semiconductor ...
DS26LS33ACM NSC-DS26LS33ACM Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS26LS33ACN NSC-DS26LS33ACN Datasheet
201Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS33M TI1-DS26LS33M Datasheet
837Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
More results

Similar Description - DS26LS33C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
DS26LS32MQML Quad Differential Line Receivers
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com