Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6418 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6418
Description  Fixed-Point Digital Fixed-Point Digital
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6418 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C6418 Datasheet HTML 17Page - Texas Instruments TMS320C6418 Datasheet HTML 18Page - Texas Instruments TMS320C6418 Datasheet HTML 19Page - Texas Instruments TMS320C6418 Datasheet HTML 20Page - Texas Instruments TMS320C6418 Datasheet HTML 21Page - Texas Instruments TMS320C6418 Datasheet HTML 22Page - Texas Instruments TMS320C6418 Datasheet HTML 23Page - Texas Instruments TMS320C6418 Datasheet HTML 24Page - Texas Instruments TMS320C6418 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
Memory Map Summary
21
August 2004 − Revised May 2005
SPRS241C
2.5
Memory Map Summary
Table 2−2 shows the memory map address ranges of the C6418 device. Internal memory is always located
at address 0 and can be used as both program and data memory. The external memory address ranges in
the C6418 device begin at the hex address location 0x8000 0000 for EMIFA.
Table 2−2. TMS320C6418 Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE
(BYTES)
HEX ADDRESS RANGE
Internal RAM (L2) [C6418]
512K
0000 0000 – 0007 FFFF
Reserved [C6418]
512K
0008 0000 – 000F FFFF
Reserved
15M
0010 0000 – 00FF FFFF
Reserved
8M
0100 0000 – 017F FFFF
External Memory Interface A (EMIFA) Registers
256K
0180 0000 – 0183 FFFF
L2 Registers
256K
0184 0000 – 0187 FFFF
HPI Registers
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
256K
019C 0000 – 019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000 – 01A3 FFFF
Reserved
512K
01A4 0000 – 01AB FFFF
Timer 2 Registers
256K
01AC 0000 – 01AF FFFF
GP0 Registers
256K minus 4K
01B0 0000 – 01B3 EFFF
Device Configuration Registers
4K
01B3 F000 – 01B3 FFFF
I2C0 Data and Control Registers
16K
01B4 0000 – 01B4 3FFF
I2C1 Data and Control Registers
16K
01B4 4000 – 01B4 7FFF
Reserved
16K
01B4 8000 – 01B4 BFFF
McASP0 Control Registers
16K
01B4 C000 – 01B4 FFFF
McASP1 Control Registers
16K
01B5 0000 – 01B5 3FFF
Reserved
176K
01B5 4000 – 01B7 FFFF
VCP Control Registers
128K
01B8 0000 – 01B9 FFFF
Reserved
128K
01BA 0000 – 01BB FFFF
Emulation
256K
01BC 0000 – 01BF FFFF
Reserved
528K
01C0 0000 – 01C8 3FFF
Reserved
3.5M
01C8 4000 – 01FF FFFF
QDMA Registers
52
0200 0000 – 0200 0033
Reserved
928M minus 52
0200 0034 – 2FFF FFFF
McBSP 0 Data
64M
3000 0000 – 33FF FFFF
McBSP 1 Data
64M
3400 0000 – 37FF FFFF
Reserved
64M
3800 0000 – 3BFF FFFF
McASP0 Data
1M
3C00 0000 – 3C0F FFFF
McASP1 Data
1M
3C10 0000 – 3C1F FFFF
Reserved
62M
3C20 0000 – 3FFF FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com