Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH40P03ST Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH40P03ST
Description  ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40P03ST Datasheet(HTML) 5 Page - STMicroelectronics

  STTH40P03ST Datasheet HTML 1Page - STMicroelectronics STTH40P03ST Datasheet HTML 2Page - STMicroelectronics STTH40P03ST Datasheet HTML 3Page - STMicroelectronics STTH40P03ST Datasheet HTML 4Page - STMicroelectronics STTH40P03ST Datasheet HTML 5Page - STMicroelectronics STTH40P03ST Datasheet HTML 6Page - STMicroelectronics STTH40P03ST Datasheet HTML 7Page - STMicroelectronics STTH40P03ST Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STTH40P03S
5/8
Figure 12: TO-220FPAB Package Mechanical Data
Figure 11: Forward recovery time versus dIF/dt
(typical values)
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
800
900
1000
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =100°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
H
L3
L2
L4
L6
G
G1
F
F1
L5
D
E
L7
A
B
Dia
F2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com