Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175754 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 175754
Description  Compact air cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

175754 Datasheet(HTML) 1 Page - Festo Corporation.

  175754 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
ADVU-125-30-P-A
Part number: 175754
Data sheet
Feature
Value
Stroke
30 mm
Piston diameter
125 mm
Type code
ADVU
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Piston rod end
Internal thread
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991217
Variants
Piston rod at one end
Operating pressure
0.5 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
3.3 J
Theoretical force at 6 bar, retracting
6881 N
Theoretical force at 6 bar, advancing
7363 N
Moving mass at 0 mm stroke
1317 g
Additional weight per 10 mm stroke
168 g
Basic weight with 0 mm stroke
3426 g
Additional moving mass per 10 mm stroke
63 g
Type of mounting
Optionally:
With through-hole
With accessories
Pneumatic connection
G1/4
Flange screws material
Steel, galvanized
Cover material
Wrought aluminum alloy
Material of dynamic seals
TPE-U(PU)
NBR
Piston rod material
High-alloy steel
Material of cylinder barrel
Wrought aluminum alloy
7/5/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 175754

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757543 PHOENIX-1757543 Datasheet
95Kb / 3P
Header with side panels, plug-in direction parallel to the p.c.b.
1757543 PHOENIX-1757543 Datasheet
142Kb / 6P
MSTB 2,5/10-ST
1757543 PHOENIX-1757543 Datasheet
171Kb / 6P
MVSTBR 2,5/10-ST
1757543 PHOENIX-1757543 Datasheet
151Kb / 6P
MVSTBW 2,5/10-ST
1757543 PHOENIX-1757543 Datasheet
144Kb / 6P
FKC 2,5/10-ST
More results

Similar Description - 175754

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8091429 FESTO-8091429 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com