Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116RLL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 2 Page - Vishay Siliconix

  116RLL Datasheet HTML 1Page - Vishay Siliconix 116RLL Datasheet HTML 2Page - Vishay Siliconix 116RLL Datasheet HTML 3Page - Vishay Siliconix 116RLL Datasheet HTML 4Page - Vishay Siliconix 116RLL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28316
136
Revision: 17-Jun-05
116 RLL
Vishay BCcomponents
Aluminum Capacitors
Radial Long Life
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.2 Form CA: Long leads.
L
O D
F
15 min
5 min
d
O
Fig.3 Form TFA: Taped in box (ammopack)
Case
∅D × L= 5 × 11 and 8.2 × 11 mm.
Pitch F = 5 mm.
Fig.3 Form CB: Cut leads.
L
4
1
0
Od
O D
5
0.5
case ØD x L = 8.2 x 11mm only
Fig.4 Form TNA: Taped in box (ammopack)
Case
∅D × L= 5 × 11 mm only.
Pitch F = 2.5 mm.
Table 1
Note
1. Tape dimension see section ‘PACKAGING’.
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
∅D × L
CASE
CODE
∅d
∅D
max
Lmax
F
MASS (g)
PACKAGING QUANTITIES
FORM
CA, CB
FORM
TFA, TNA
5
× 11
11
0.5
5.5
12
2.5
±0.5
≈0.4
1000
2000
8.2
× 11
13
0.6
8.7
12
5.0
±0.5
≈1.1
1000
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com