Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1200698708 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1200698708
Description  Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1200698708 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1200698708 Datasheet HTML 1Page - Molex Electronics Ltd. 1200698708 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/15/2020
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200698708
Status:
Active
Overview:
Brad M8 and M12 Cordsets with Knurled Hexnuts and WSOR Cable
Description:
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles, Female
(90°) to Male (90°), 22 AWG, Shielded WSOR Cable, 10.0m (32.81') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152210
General
Product Family
Industrial Cordsets
Series
120069
Connector End A
Micro-Change (M12)
Connector End B
Micro-Change (M12)
IP Rating
IP67
Material - Contact
Brass
Overview
Brad M8 and M12 Cordsets with Knurled Hexnuts and
WSOR Cable
Product Name
Micro-Change (M12)
Protocol
N/A
Region
Europe
Type
Double Ended
UPC
889056132299
Physical
Cable Diameter
5.40mm (.213")
Cable Length
10.0m (32.81')
Color - Cable Jacket
Black
Coupling Style
Knurled Hexnut, Threaded
Gender
Female-Male
Keyway
Single
LED Indicator
No
Material - Cable Jacket
TPU
Material - Connector Body
TPU
Material - Coupling Nut
Nickel-plated Brass
Material - Plating Mating
Gold
Orientation
90° to 90°
Poles
3
Temperature Range - Operating
-25°C to +85°C
Wire Size AWG
22
Wire/Cable Type
WSOR
Electrical
Current - Maximum per Contact
4.0A
Voltage - Maximum
250V
Material Info
Engineering Number
883S33BS1M100
Reference - Drawing Numbers
Sales Drawing
SD-120069-031-001, SD-120069-031-002
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
120069 Series
This document was generated on 06/15/2020


Similar Part No. - 1200698708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200698700 MOLEX-1200698700 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 8 Poles
1200698701 MOLEX-1200698701 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 8 Poles
1200698702 MOLEX-1200698702 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 8 Poles
1200698703 MOLEX-1200698703 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 8 Poles
1200698704 MOLEX-1200698704 Datasheet
48Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
More results

Similar Description - 1200698708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200698644 MOLEX-1200698644 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698646 MOLEX-1200698646 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698648 MOLEX-1200698648 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698645 MOLEX-1200698645_V01 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698647 MOLEX-1200698647_V01 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698684 MOLEX-1200698684 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698688 MOLEX-1200698688 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698704 MOLEX-1200698704 Datasheet
48Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698705 MOLEX-1200698705 Datasheet
48Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698707 MOLEX-1200698707 Datasheet
49Kb / 2P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com