Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM202B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICM202B
Description  CIF/QCIF CMOS image sensor with digital YUV output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM202B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICM202B Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM202B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ICM202B CIF/QCIF CMOS sensor with digital YUV output
Data Sheet V2.0, February 2003
©2000, 2001,2002, 2003 IC Media Corporation & IC Media Technology Corp
2/5/2003
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 7
Confidential
7
1.5 Auto White Balancing
Due to the different transparency and the overlapping spectrum response of the R, G, and B filters, the
interpolated color may not be balanced. The Auto White Balancing performs the White Balance function
automatically . The following register are used to control the AWB function:
0x33 (AD_AWB_CTRL, Default = 3)
0 : Disable AWB
1 : Enable AWB with R,G,B range limited
3 : Enable AWB with no range limited
0x34 (AD_AWB_OVERFLOW, Default = 255)
Set the overflow value of the sampling pixel, if the sampling data is larger than
AD_AWB_OVERFLOW, then it will not be used for AWB processing. The default value 255 means
there is no limit on sampling data.
0x35 (AD_AWB_BRIGHT, Default = 0)
Set the minimum bright value of the sampling pixel, if the sampling data is less than
AD_AWB_BRIGHT, then it will not be used for AWB processing. The default value 0 means there is
no limit on sampling data.
When AWB function is disabled, the following registers are used to adjust the White Balance manually:
0x37 (AD_WB_RED, Default = 0x80 )
Set the RED Gain manually.
0x38 (AD_WB_GREEN, Default = 0x80)
Set the GREEN Gain manually.
0x39 (AD_WB_BLUE, Default = 0x80)
Set the BLUE Gain manually.
1.6 Sharpening
The following register are used to control the Sharpening function:
0x30 (AD_SHARP_CTRL, Default =9)
0 : Disable Sharpening.
8 : Sharpen Weight = 0.5 (light Sharpening)
9 : Sharpen Weight = 1 (default)
a : Sharpen Weight = 1.5
b : Sharpen Weight = 2
c : Sharpen Weight = 2.5
d : Sharpen Weight = 3
e : Sharpen Weight = 3.5
f : Sharpen Weight = 4 (heavy Sharpening)
0x31 (AD_SHARP_HIGH,Default = 5)
Sharpening High Tone Threshold.
0x32 (AD_SHARP_LOW,Default = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com