Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDP46080 Datasheet(PDF) 2 Page - Schneider Electric

Part # BDP46080
Description  PowerPact B Circuit Breaker, 80A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BDP46080 Datasheet(HTML) 2 Page - Schneider Electric

  BDP46080 Datasheet HTML 1Page - Schneider Electric BDP46080 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connection pitch
1.06 in (27 mm)
Local signalling
Presence of auxiliary contacts flag green)
Mounting mode
Clip-on 35 x 15 mm symmetrical DIN rail)
By screws plate)
Electrical connection
Everlink lug load
Terminal nut line
AWG gauge
AWG 6...AWG 2/0 fine stranded aluminium/copper
AWG 14...AWG 3/0 rigid or stranded aluminium/copper
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.02 in² (2.5…16 mm²) AWG 14...AWG 4)
79.66 lbf.in (9 N.m) 0.04…0.15 in² (25…95 mm²) AWG 3...AWG 3/0)
Number of slots
1 auxiliary switch OF plug-in)
1 voltage release MN or MX plug-in)
1 alarm switch SD plug-in)
Power wire stripping length
0.79 in (20 mm)
Color
Gray RAL 7016)
9 mm pitches
12
Maximum Height
5.39 in (137 mm)
Maximum Width
4.25 in (108 mm)
Maximum Depth
3.15 in (80 mm)
Net Weight
3.18 lb(US) (1.441 kg)
Quantity per set
Set of 1
Continuous current rating
80 %
Environment
Quality labels
CE
Standards
NMX J-266
GB 14048.2
UL 489
EN/IEC 60947-2
NEMA AB1
EN/IEC 60947-5-1
CSA C22.2 No 5
Product certifications
UL
IEC
CCC
EAC
CSA
NOM
IP degree of protection
Front cover IP40 IEC 60529
IK degree of protection
IK07 IEC 62262
Pollution degree
3 IEC 60947-1
Ambient air temperature for operation
-13…158 °F (-25…70 °C)
Ambient air temperature for storage
-58…185 °F (-50…85 °C)
Operating altitude
< 6561.68 ft (2000 m) without derating
5000 m with derating
Ordering and shipping details
Category
01130-BD UNIT MOUNT BREAKER/SWITCH
Discount Schedule
DE2
Package weight(Lbs)
3.60 lb(US) (1.633 kg)
Returnability
Yes
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com