Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1167 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1167
Description  AUDIO PROCESSOR with Subwoofer Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1167 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1167 Datasheet HTML 3Page - New Japan Radio NJW1167 Datasheet HTML 4Page - New Japan Radio NJW1167 Datasheet HTML 5Page - New Japan Radio NJW1167 Datasheet HTML 6Page - New Japan Radio NJW1167 Datasheet HTML 7Page - New Japan Radio NJW1167 Datasheet HTML 8Page - New Japan Radio NJW1167 Datasheet HTML 9Page - New Japan Radio NJW1167 Datasheet HTML 10Page - New Japan Radio NJW1167 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NJW1167/A
-7-
!TERMINAL DESCRIPTION
No.
SOP
SDIP
QFP
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
1
32
29
28
INa
INb
Ach input terminal
Bch input terminal
V+/2
6
7
26
2
3
22
OUTw
OUTa
OUTb
Subwoofer output terminal
Ach output terminal
Bch output terminal
V+/2
2
30
SRFIL
Surround filter terminal
V+/2
3
31
SSFIL
Simulated stereo filter terminal
V+/2
4
28
32
24
TONE-Ha
TONE-Hb
Treble(tone control) filter
terminal
V+/2
80k
20k
Vref
1,32 pin
V+
6, 7, 26pin
FB
100
1.8k
FB
2pin
5.3k
FB
3pin
FB
18k
4, 28pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com