Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2000AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S2000AF
Description  TO-39(H) PACKAGE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S2000AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S2000AF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - S2000AF

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S2000AF WINGS-S2000AF Datasheet
31Kb / 1P
PLANAR SILICON TRANSISTOR NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
STMicroelectronics
S2000AF STMICROELECTRONICS-S2000AF Datasheet
99Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Mar-2007
S2000AF STMICROELECTRONICS-S2000AF Datasheet
214Kb / 11P
High voltage NPN power transistor for standard definition CRT display
14-Aug-2007
logo
Savantic, Inc.
S2000AF SAVANTIC-S2000AF Datasheet
238Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
S2000AF ISC-S2000AF Datasheet
130Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - S2000AF

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E3 TAI-SAW-TB480E3 Datasheet
179Kb / 4P
SAW Filter 480MHz TO-39
TE0103A TAI-SAW-TE0103A Datasheet
236Kb / 5P
SAW Filter 479.5MHz TO-39
logo
Micro Commercial Compon...
2N3501 MCC-2N3501 Datasheet
302Kb / 3P
150 Volts 500mAmps TO-39 Package
logo
Rohm
SPR-39 ROHM-SPR-39_11 Datasheet
1Mb / 4P
SPR-39 series
logo
New Jersey Semi-Conduct...
2N1479 NJSEMI-2N1479 Datasheet
174Kb / 1P
NPN TO-39/TO-5
logo
TAI-SAW TECHNOLOGY CO.,...
TB480F3 TAI-SAW-TB480F3 Datasheet
204Kb / 4P
SAW Filter 479.5MHz TO-39
logo
Continental Device Indi...
TO-39 CDIL-TO-39 Datasheet
213Kb / 3P
Hermetically Sealed Metal Can Package TO-39
logo
New Jersey Semi-Conduct...
IRFF110 NJSEMI-IRFF110 Datasheet
474Kb / 2P
IM-CHANIMEL POWER MOSFETs TO-39 PACKAGE
logo
Marktech Corporate
MTE3650L2-UV-HP MARKTECH-MTE3650L2-UV-HP Datasheet
921Kb / 3P
Hermetically Sealed TO-39
logo
List of Unclassifed Man...
D1544 ETC2-D1544 Datasheet
136Kb / 1P
TO-3P(H) IS PACKAGE SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com