Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLS154G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS154G
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS154G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBLS154G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS154G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.315(8.0)
.285(7.24)
.335(8.51)
.320(8.12)
.102(2.60)
.094(2.40)
.255(6.5)
.245(6.2)
.045(1.14)
.035(0.89)
.205(5.2)
.195(5.0)
.023(0.58)
.018(0.46)
.075(1.90)
.055(1.39)
.185(4.69)
.150(3.81)
.08(2.03)
.05(1.27)
.350(8.9)
.300(7.6)
.013(0.33)
.0088(0.22)
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)
.060(1.53)
.040(1.02)
.205(5.2)
.195(5.0)
.047(1.20)
.040(1.02)
.335(8.51)
.320(8.13)
0
45
.102(2.60)
.094(2.40)
DBL151G THRU DBL159G
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1400 Volts
Current
1.5 Amperes
Features
a UL Recognized File # E-96005
a Glass passivated junction
a Ideal for printed circuit board
a Reliable low cost construction utilizing
molded plastic technique
a High surge current capability
a High temperature soldering guaranteed:
260
+ / 10 seconds at 5 lbs., ( 2.3 kg )
tension
a Small size, simple installation
a Leads solderable per MIL-STD-202
Method 208
DBL
DBLS
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DBL
151G
DBL
152G
DBL
153G
DBL
154G
DBL
155G
DBL
156G
DBL
157G
DBL
158G
DBL
159G
Type Number
DBLS
151G
DBLS
152G
DBLS
153G
DBLS
154G
DBLS
155G
DBLS
156G
DBLS
157G
DBLS
158G
DBLS
159G
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800 1000 1200 1400
V
Maximum RMS Voltage
35
70
140
280
420
560
700
840
980
V
Maximum DC Blocking Voltage
50
100
200
400
600
800 1000 1200 1400
V
Maximum Average Forward Rectified Current
@TA = 40
+
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
1.1
1.25
V
Maximum DC Reverse Current @ TA=25
+
at Rated DC Blocking Voltage @ TA=125
+
10
500
uA
uA
Typical Thermal Resistance (Note) R
ÛJA
R
ÛJL
40
15
+
+
+
+/w
Operating Temperature Range TJ
-55 to +150
+
+
+
+
Storage Temperature Range TSTG
-55 to +150
+
+
+
+
Note: Thermal resistance from Junction to Ambient and from Junction to Lead Mounted on
P.C.B. with 0.51 x 0.51” (13 x 13mm) Copper Pads.


Similar Part No. - DBLS154G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS154G TSC-DBLS154G Datasheet
130Kb / 2P
Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBLS154G LUGUANG-DBLS154G Datasheet
362Kb / 2P
Single Phase 1.5 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS154G TSC-DBLS154G Datasheet
220Kb / 4P
Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
DBLS154G ZSELEC-DBLS154G Datasheet
73Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
DBLS154G-T TSC-DBLS154G-T Datasheet
286Kb / 4P
1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBLS154G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
W005MG JGD-W005MG Datasheet
124Kb / 2P
MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DB154G TSC-DB154G Datasheet
98Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
HDBL151G TSC-HDBL151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005GM TSC-W005GM Datasheet
68Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_1 Datasheet
212Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005G TSC-W005G Datasheet
73Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com