Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPF1001 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GPF1001
Description  Isolation 10.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GPF1001 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GPF1001 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GPF1001 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 552 -
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
PIN 1
PIN 3
Positive CT
PIN 2
GPF1001 THRU GPF1007
Isolation 10.0 AMPS. Glass Passivated Rectifiers
Voltage Range
50 to 1000 Volts
Current
10.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: ITO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/ 0.25” (6.35mm) from case 10
seconds
Mounting torque: 5 in – 1bs max.
Weight: 2.24 grams
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol GPF
1001
GPF
1002
GPF
1003
GPF
1004
GPF
1005
GPF
1006
GPF
1007
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TC = 100
℃
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@5.0A
VF
1.1
V
Maximum DC Reverse Current @ TC=25
℃
at Rated DC Blocking Voltage
IR
5.0
uA
Typical Junction Capacitance ( Note 1)
Cj
30
pF
Typical Thermal Resistance (Note 2)
R
θJC
5.0
℃/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2” x 3” x 0.25”
Al-Plate


Similar Part No. - GPF1001

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
14 pin DIL VCXO
logo
Frontier Electronics.
GPF15-005 FRONTIER-GPF15-005 Datasheet
124Kb / 2P
15A GLASS PASSIVATED STANDARD RECTIFIER
GPF150-005 FRONTIER-GPF150-005 Datasheet
124Kb / 2P
15A GLASS PASSIVATED STANDARD RECTIFIER
GPF150-01 FRONTIER-GPF150-01 Datasheet
124Kb / 2P
15A GLASS PASSIVATED STANDARD RECTIFIER
GPF150-02 FRONTIER-GPF150-02 Datasheet
124Kb / 2P
15A GLASS PASSIVATED STANDARD RECTIFIER
More results

Similar Description - GPF1001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1001G TSC-HERF1001G Datasheet
75Kb / 2P
Isolation 10.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
List of Unclassifed Man...
GP1001 ETC-GP1001 Datasheet
90Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G Datasheet
87Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G Datasheet
116Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
GP1001 TSC-GP1001 Datasheet
95Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
GP1001 TSC-GP1001_1 Datasheet
337Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
SFF1001G TSC-SFF1001G_1 Datasheet
334Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
GP1001 TSC-GP1001_10 Datasheet
545Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
GPAS1001 TSC-GPAS1001 Datasheet
205Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
10A05G DYELEC-10A05G Datasheet
701Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com