Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8319 Datasheet(PDF) 10 Page - VBsemi Electronics Co.,Ltd

Part # STM8319
Description  N- and P-Channel 30 V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STM8319 Datasheet(HTML) 10 Page - VBsemi Electronics Co.,Ltd

Back Button STM8319 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 11Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 12Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 13Page - VBsemi Electronics Co.,Ltd STM8319 Datasheet HTML 14Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
10
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.8
1.6
2.4
3.2
4.0
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STM8319
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com