Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2AA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS2AA
Description  1.5 AMPS. High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2AA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS2AA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2AA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 308 -
.062(1.58)
.050(1.27)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.187(4.75)
.160(4.06)
.210(5.33)
.195(4.95)
.111(2.83)
.090(2.29)
.091(2.30)
.078(1.99)
HS2AA THRU HS2MA
1.5 AMPS. High Efficient Surface Mount Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Built-in stain relief, ideal for automatic
placement
Fast switching for high efficiency
High temperature soldering:
260
℃/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 12mm tape per EIA STD RS-481
Weight: 0.064 gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HS
2AA
HS
2BA
HS
2DA
HS
2FA
HS
2GA
HS
2JA
HS
2KA
HS
2MA
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current See Fig. 2
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
50
75
nS
Typical Junction Capacitance (Note 2)
Cj
50
30
pF
Maximum Thermal Resistance ( Note 3 )
R
θJA
90
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Mounted on P.C.B. with 0.2”x0.2” ( 5 x 5 mm ) Copper Pad Areas.


Similar Part No. - HS2AA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
135Kb / 2P
1.5 AMPS High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2AA YANGJIE-HS2AA Datasheet
145Kb / 2P
High Efficient Rectifier
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
376Kb / 4P
High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2AA YANGJIE-HS2AA Datasheet
161Kb / 2P
HS2AA_17
More results

Similar Description - HS2AA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HS2A TSC-HS2A_1 Datasheet
267Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB Datasheet
249Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151 Datasheet
57Kb / 2P
1.5 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Daya Electric Group Co....
HER151 DAYA-HER151 Datasheet
288Kb / 2P
1.5 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
1.5 AMPS High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A_10 Datasheet
434Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com