Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7784 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS7784
Description  USB to IrDa Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS7784 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS7784 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7784 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 2-20
MCS7784
USB to IrDa Port
Features
• Low-power 3.3V CMOS design
• On board 5V to 3.3V voltage regulator
• Single 12 MHz crystal
• IrDA data rates from 2.4 Kbps to 115.2 kbps in SIR
mode
• USB specification 1.1 compliant.
• Re-configurable Vendor specific parameters
(Vendor ID, Product ID, Release #)
• Support for 4 string descriptors (Language ID,
Manufacture ID, Product Name, Serial Number)
• Supports all USB standard commands.
• I2C interface for EEPROM
• Low-profile 28-Pin SSOP package
Applications
• Cell Phones
• Embedded applications
• Add-on IrDAdingle
Application Note
•AN7784
Evaluation Board
• MCS7784-EVB
General Description
The MCS7784 controller provides bridging between the
Universal Serial Bus (USB) input and IrDA port. This de-
vice contains all the necessary logic to communicate
with the host computer via the USB bus. Supports data
rate of 2.4Kbps to 115.2Kbps.
In addition, the MCS7784 contains a 3.3V regulator and
operates in bus-powered mode. The MCS7784 uses
single 12 MHz crystal oscillator.
Ordering Information
Commercial Grade ( 0° C to +70° C )
MCS7784CS
28-SSOP
Standard
MCS7784CS-GR
28-SSOP
RoHS


Similar Part No. - MCS7784

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS7780 ETC1-MCS7780 Datasheet
247Kb / 2P
USB to IrDa Port
More results

Similar Description - MCS7784

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410 TI-TUSB3410 Datasheet
317Kb / 92P
USB TO SERIAL PORT CONTROLLER
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
USB 2.0 Hi-Speed to irDA Bridge
MCS7780 ETC1-MCS7780 Datasheet
247Kb / 2P
USB to IrDa Port
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
USB to Combo Serial & Printer Port
logo
Texas Instruments
TUSB3410 TI-TUSB3410_10 Datasheet
1Mb / 98P
USB to Serial Port Controller
TUSB3410-Q1 TI1-TUSB3410-Q1 Datasheet
1,009Kb / 94P
USB To Serial Port Controller
logo
Prolific Technology Inc...
PL2305 PROLIFIC-PL2305 Datasheet
211Kb / 1P
USB to Printer Port Bridge Controller
logo
Advantech Co., Ltd.
BB-USR604 ADVANTECH-BB-USR604 Datasheet
647Kb / 2P
Heavy-Duty USB to Serial Converter With Port-to-Port Isolation
logo
Black Box Registered Tr...
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
US-759 BLACKBOX-US-759 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial Isolated USB to Serial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com