Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT11G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HT11G
Description  1.0 AMP. Glass Passivated High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HT11G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HT11G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HT11G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 324 -
HT11G THRU HT18G
1.0 AMP. Glass Passivated High Efficient Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Molded plastic TS-1
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.20 gram
TS-1
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HT
11G
HT
12G
HT
13G
HT
14G
HT
15G
HT
16G
HT
17G
HT
18G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200 300 400 600 800 1000
V
Maximum RMS Voltage
VRMS
35
70
140 210 280 420 560
700
V
Maximum DC Blocking Voltage
VDC
50
100 200 300 400 600 800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
℃
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=125
℃
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
50
75
nS
Typical Junction Capacitance
(Note 2)
Cj
15
10
pF
Typical Thermal Resistance
(Note 3)
R
θJA
95
℃/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on cu-Pad Size 5mm x 5mm on PCB.


Similar Part No. - HT11G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G Datasheet
268Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G-K TSC-HT11G-K Datasheet
421Kb / 7P
1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HT11G TSC-HT11G_1 Datasheet
268Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HT11G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G Datasheet
70Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
UF1A TSC-UF1A Datasheet
247Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160A TSC-MUR160A_10 Datasheet
563Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
UF1A TSC-UF1A_13 Datasheet
433Kb / 4P
1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com