Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP06DE Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP06DE
Description  6W super wide input range regulated signgle output DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06DE Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP06DE Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06DE Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06DE Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP06DE SERIES
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 2 / 3
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switch frequency
PWM mode
-
300
-
KHz
MTBF
MIL-HDBK-217F@25℃
2X10
6h
Cooling
-
Free air convection
Isolated capacitance
-
-
1000
-
pF
Dimensions
22*14*8mm
No Shell(open frame)
Net weight
-
-
10
-
g
TYPICAL APPLICATION CIRCUIT





Notes:
1.Output filter capacitor C4 is electrolytic capacitor(recommend to use High-frequency low-resistance electrolytic capacitor)
External circuit components typical value
FUSE
C1
C2
C3(necessary)
L
Z1( necessary )
Part No.
C4( necessary )
F2A/100V
100uF/100V
1uF/100V
2.2uF/100V
4.7uH/4A
voltage-stabilizing
diode 5.1V / 0.5W
S03/S05
220uF/10V
S12/S15/S24
100uF/35V
(Please refer to the technical specifications provided by the manufacturers for the capacity and current flowing), Capacitor voltage
derating >80%.
2.the dashed box is the EMC filter connected to meet the higher EMC requirements. For general applications, it can be omitted.
DERATING CURVE



TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com