Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP10AS Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP10AS
Description  10W 3KVAC Isolation Wide Input AC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10AS Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP10AS_V01 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10AS_V01 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10AS_V01 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP10AS_V01 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP10AS Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
The rated output power of TP10AS converters is 10W with wide input voltage range, for both AC input
and DC input application. High reliability, precision, large power density, ultra-small size, no external heat
sink required, stable output voltage and etc, with over current protection, EMI filter circuit, the rectifier
filter circuit, 3000V isolation voltage, short circuit, overload, internal thermal protection, Widely used in
telecommunications, industrial control, instrument, data acquisition, signal control and other electronic
systems.
10W 3KVAC Isolation Wide Input AC/DC Converters
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage:2:1 and 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature -40ºC to 70ºC
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Recommend output external capacitor
Rated
Range values
Voltage
(
VDC)
Current
(
A)
C1、C2、C3
C4
C5、C6
(VAC)
TP10AS220S05
220(2:1)
165-265
5
2.00
76
0.1uF/25V
1000uF/16V
/
TP10AS220S09
220(2:1)
165-265
9
1.1
76
0.1uF/25V
1000uF/16V
/
TP10AS220S12
220(2:1)
165-265
12
0.85
80
0.1uF/25V
470uF/25V
/
TP10AS220S15
220(2:1)
165-265
15
0.67
81
0.1uF/25V
470uF/25V
/
TP10AS220S24
220(2:1)
165-265
24
0.42
84
0.1uF/25V
330uF/35V
/
TP10AS220D05
220(2:1)
165-265
±5
±1.0
76
0.1uF/25V
470uF/16V
470uF/16V
TP10AS220D12
220(2:1)
165-265
±12
±0.42
80
0.1uF/25V
330uF/25V
330uF/25V
TP10AS220D15
220(2:1)
165-265
±15
±0.33
81
0.1uF/25V
330uF/25V
330uF/25V
TP10AS220D05P05
220(2:1)
165-265
+5/+5
1.6/0.4
75
0.1uF/25V
1000uF/16V
330uF/16V
TP10AS220D05P12
220(2:1)
165-265
+5/+12
1.0/0.4
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AS220D05P15
220(2:1)
165-265
+5/+15
1.1/0.3
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AS220D05P24
220(2:1)
165-265
+5/+24
1.0/0.2
81
0.1uF/25V
680uF/16V
220uF/35V
TP10AS220T05D05
220(2:1)
165-265
+5/±5
1.6/±0.2
74
0.1uF/25V
1000uF/16V
330uF/16V
TP10AS220T05D12
220(2:1)
165-265
+5/±12
1.2/±0.2
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AS220T05D15
220(2:1)
165-265
+5/±15
1.1/±0.15
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AS220T05D24
220(2:1)
165-265
+5/±24
1.3/±0.08
77
0.1uF/25V
680uF/16V
100uF/35V
TP10AS220S05W
220(4:1)
85-265
5
2.00
76
0.1uF/25V
1000uF/16V
/
TP10AS220S09W
220(4:1)
85-265
9
1.1
76
0.1uF/25V
1000uF/16V
/
TP10AS220S12W
220(4:1)
85-265
12
0.85
80
0.1uF/25V
470uF/25V
/
TP10AS220S15W
220(4:1)
85-265
15
0.67
81
0.1uF/25V
470uF/25V
/
TP10AS220S24W
220(4:1)
85-265
24
0.42
84
0.1uF/25V
330uF/35V
/
TP10AS220D05W
220(4:1)
85-265
±5
±1.0
76
0.1uF/25V
470uF/16V
470uF/16V
TP10AS220D12W
220(4:1)
85-265
±12
±0.42
80
0.1uF/25V
330uF/25V
330uF/25V
TP10AS220D15W
220(4:1)
85-265
±15
±0.33
81
0.1uF/25V
330uF/25V
330uF/25V
TP10AS220D05P05W
220(4:1)
85-265
+5/+5
1.6/0.4
75
0.1uF/25V
1000uF/16V
330uF/16V
TP10AS220D05P12W
220(4:1)
85-265
+5/+12
1.0/0.4
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AS220D05P15W
220(4:1)
85-265
+5/+15
1.1/0.3
79
0.1uF/25V
680uF/16V
330uF/25V
TP10AS220D05P24W
220(4:1)
85-265
+5/+24
1.0/0.2
81
0.1uF/25V
680uF/16V
220uF/35V
TP10AS220T05D05W
220(4:1)
85-265
+5/±5
1.6/±0.2
74
0.1uF/25V
1000uF/16V
330uF/16V
TP10AS220T05D12W
220(4:1)
85-265
+5/±12
1.2/±0.2
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AS220T05D15W
220(4:1)
85-265
+5/±15
1.1/±0.15
75
0.1uF/25V
680uF/16V
220uF/25V
TP10AS220T05D24W
220(4:1)
85-265
+5/±24
1.3/±0.08
77
0.1uF/25V
680uF/16V
100uF/35V
TP10AS220S48W
220(4:1)
85-265
48
0.21
84
0.1uF/25V
330uF/35V
/
TOPPOWER


Similar Part No. - TP10AS_V01

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10AS220D05 TOPPOWER-TP10AS220D05 Datasheet
208Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS220D05P05 TOPPOWER-TP10AS220D05P05 Datasheet
208Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS220D05P05W TOPPOWER-TP10AS220D05P05W Datasheet
208Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS220D05P12 TOPPOWER-TP10AS220D05P12 Datasheet
208Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS220D05P12W TOPPOWER-TP10AS220D05P12W Datasheet
208Kb / 4P
10W 2.5KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP10AS_V01

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
30W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com