Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPJXXX Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPJXXX
Description  5.2KVDC Isolated DC/DC Converters for IGBT drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJXXX Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPJXXX Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 3Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 4Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 5Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPJXXX Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
Page 2 /5
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
+Vo
Vin=15VDC/12VDC, Pin6 & Pin7 +Io=+80mA
14.25
15
15.75
VDC
-Vo
Vin=15VDC/12VDC, Pin5 & Pin6 -Io=-40mA
-8
-8.7
-9.4
VDC
+Vo
Vin=12VDC, Pin6 & Pin7 +Io=+93mA
14.25
15
15.75
VDC
-Vo
Vin=12VDC, Pin5 & Pin6 -Io= -185mA
-2.76
-3
-3.24
VDC
+Vo
Vin=24VDC, Pin6 & Pin7 +Io=+66mA
14.25
15
15.75
VDC
-Vo
Vin=24VDC, Pin5 & Pin6 -Io= -333mA
-2.76
-3
-3.24
VDC
+Vo
Vin=24VDC, Pin6 & Pin7 +Io=+111mA
14.25
15
15.75
VDC
-Vo
Vin=24VDC, Pin5 & Pin6 -Io= -111mA
-2.76
-3
-3.24
VDC
+Vo
Vin=12/15/24VDC, Pin6 & Pin7 +Io=+20mA
19
20
21
VDC
-Vo
Vin=12/15/24VDC, Pin5 & Pin6 -Io= -50mA
-4.75
-5
-5.25
VDC
Output Voltage Accuracy
See tolerance envelope graph
Line Regulation
High Vin to Low Vin
-
±1.2
±1.5
-
Temperature Coefficient
Full load
-
-
±0.03
%/℃
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Input-output, with the test time of 1 minute and the leak current lower than 1mA
5200
-
VDC
Resistance
Input-output, Isolation voltage 500VDC
1000
-
-
MΩ
Capacitance
Input-output, 100KHz/0.1V
-
6.6
-
pF
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Humidity
Non-condensing
-
-
95
%RH
Switching frequency
Full load, nominal input voltage
-
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
-
-
K hours
Cooling Method
Free convection
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature
Derating when operating temperature up to 85℃, (see Fig. 2)
-40
-
105
℃
Storage Temperature
-55
-
125
℃
Pin Welding Resistance
Welding spot is 1.5mm away from the casing, 10 seconds
-
-
300
℃
Casing Temperature Rise
Ta=25℃, nominal input, full load output
-
25
-
℃
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com