Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPJ1515/9 Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TPJ1515/9
Description  5.2KVDC Isolated DC/DC Converters for IGBT drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ1515/9 Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPJ1515/9 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ1515/9 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ1515/9 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPJ1515/9 Datasheet HTML 4Page - Toppower Electronic Technology Limited TPJ1515/9 Datasheet HTML 5Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPJXXX Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
Page 4 /5
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
C1/C2/C3
100uF/35V (Low internal resistance capacitance)
EMC solution-recommended circuit
recommended circuit 1
Input voltage (VDC)
12/15
EMI
C1
4.7µF /50V
LDM
12µH
All dimensions in mm±0.25mm
0.60±0.15
1.50
5.20
5.00
6.00
14.20
UnIess otherwise stated aII dimensions in ±mm ±0.5mm.
Tube Iength : 25mm±2mm.
Tube Quantity : 25
1.15
1.00
5 HOLES
2.54
Note: On both ends of capacitance C2 and C3 shunt respectively a
capacitance value in 1uF -10uF ceramic capacitors
Note: It is not allowed to connect modules output in parallel to enlarge
the power



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com