Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPE0503S/E Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPE0503S/E
Description  1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE0503S/E Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPE0503S/E Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE0503S/E Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE0503S/E Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPE/E high efficiency Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPE series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer
the ideal solution in many space critical applications for board level power distribution. The internal
SMD construction makes it possible to offer a product with high performance at low cost. The series
offers smaller size, improved efficiency, lower output ripple noise.
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
FEATURES
RoHS compliant
Single isolated output
SIP:1.5KVDC /3KVDC isolation DIP: 2KVDC/3KVDC isolation
Efficiency up to 81%
Operating temperature :-40
℃ to 105℃
Power density 1.53W/cm3
UL 94V-0 package material
Footprint from 0.69cm2
Industry standard pinout
Input voltage: 3.3V, 5V, 12V, 15V
Output voltage:3.3V,5V, 9V, 12V, 15V & 24V
CE certification
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPE0303D/E
3.3
3.3
303/30.3
78
DIP
TPE0305D/E
3.3
5
200/20
81
DIP
TPE0303S/E
3.3
3.3
303/30.3
78
SIP
TPE0305S/E
3.3
5
200/20
81
SIP
TPE0312S/E
3.3
12
83/8.3
84
SIP
TPE0324S/E
3.3
24
42/4.2
76
SIP
TPE0503D/E
5
3.3
303/30.3
80
DIP
TPE0505D/E
5
5
200/20
83
DIP
TPE0509D/E
5
9
110/11
83
DIP
TPE0512D/E
5
12
83/8.3
85
DIP
TPE0515D/E
5
15
66/6.6
85
DIP
TPE0503S/E
5
3.3
303/30.3
80
SIP
TPE0505S/E
5
5
200/20
83
SIP
TPE0509S/E
5
9
110/11
83
SIP
TPE0512S/E
5
12
83/8.3
83
SIP
TPE0515S/E
5
15
66/6.6
85
SIP
TPE1203D/E
12
3.3
303/30.3
80
DIP
TPE1205D/E
12
5
200/20
83
DIP
TPE1209D/E
12
9
110/11
84
DIP
TPE1212D/E
12
12
83/8.3
85
DIP
TPE1215D/E
12
15
66/6.6
86
DIP
TPE1203S/E
12
3.3
303/30.3
80
SIP
TPE1205S/E
12
5
200/20
83
SIP
TPE1209S/E
12
9
110/11
84
SIP
TPE1212S/E
12
12
83/8.3
85
SIP
TPE1215S/E
12
15
66/6.6
86
SIP
TPE1505S/E
15
5
200/20
83
SIP
TPE1509S/E
15
9
110/11
84
SIP
TPE1512S/E
15
12
83/8.3
85
SIP
TPE1515S/E
15
15
66/6.6
86
SIP
Add suffix “P” for continuous short circuit protection, for example TPE0505SP/E.
Add suffix “/3H” for 3KVDC isolated, for example TPE0505S/E/3H.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5.0
5.5
V
Voltage range
12V input
10.8
12.0
13.2
V
Voltage range
15V input
13.4
15.0
16.4
V
Reflected ripple current
26
48
mA p-p


Similar Part No. - TPE0503S/E

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE0503S TOPPOWER-TPE0503S Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0503S TOPPOWER-TPE0503S Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0503S TOPPOWER-TPE0503S Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0503S TOPPOWER-TPE0503S Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0503S-2W TOPPOWER-TPE0503S-2W Datasheet
254Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPE0503S/E

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE12V TOPPOWER-TPE12V Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPTE TOPPOWER-TPTE Datasheet
656Kb / 3P
1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE_V02 Datasheet
229Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com