Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH20N65X Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXTH20N65X
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXTH20N65X Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXTH20N65X Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXTH20N65X Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
IXTH20N65X
·
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 250uA
650
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 250uA
3
5.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 10A
210
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 650V; VGS= 0
VDS= 650V; VGS= 0;TJ=125℃
5
50
µA
VSD
Diode Forward On-voltage
IF= 20A ;VGS= 0
1.4
V
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment
which could have applications in hazardous environments, aerospace industry, or medical
field. Please contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com