Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF36070 Datasheet(PDF) 1 Page - Schneider Electric

Part # HDF36070
Description  Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HDF36070 Datasheet(HTML) 1 Page - Schneider Electric

  HDF36070 Datasheet HTML 1Page - Schneider Electric HDF36070 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HDF36070
Circuit breaker, PowerPact H, thermal magnetic,
70A, 3 pole, 600V, 14kA
Price** : 1,328.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact H
Trip Unit Type
Thermal-magnetic
Breaking capacity code
D
Complementary
Line Rated Current
70 A
Number of Poles
3P
Interrupt Rating
25 kA 240 V AC
18 kA 480 V AC
14 kA 600 V AC
20 kA 250 V DC
[Ue] rated operational voltage
250 V DC
600 V AC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Busbar connection line
Busbar connection load
Magnetic hold current
800 A
Magnetic tripping current
1450 A
Maximum Height
6.4 in (162.56 mm)
Width
4.12 in (104.65 mm)
Depth
4.36 in (110.74 mm)
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.15 in² (2.5…95 mm²) AWG 14...AWG 3/0)
Environment
Product certifications
CSA
IEC
Jul 13, 2020
1


Similar Part No. - HDF36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HDF36070SN SCHNEIDER-HDF36070SN Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, shunt trip
Jul 14, 2020
More results

Similar Description - HDF36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HDF36070SN SCHNEIDER-HDF36070SN Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, shunt trip
Jul 14, 2020
HDL26070 SCHNEIDER-HDL26070 Datasheet
130Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 2 pole, 600V, 14kA
Jul 13, 2020
HDL36070 SCHNEIDER-HDL36070 Datasheet
156Kb / 3P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA
Jul 14, 2020
HDL36070AA SCHNEIDER-HDL36070AA Datasheet
159Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, auxiliary switch
Jul 14, 2020
HDL36070C SCHNEIDER-HDL36070C Datasheet
166Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, 100% rated
Jul 14, 2020
HDL36070SA SCHNEIDER-HDL36070SA Datasheet
158Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, shunt trip
Jul 14, 2020
HDM36070 SCHNEIDER-HDM36070 Datasheet
139Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA
Jul 14, 2020
HDP36070 SCHNEIDER-HDP36070 Datasheet
137Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA
Jul 14, 2020
HGF36070 SCHNEIDER-HGF36070 Datasheet
143Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 18kA
Jul 14, 2020
HDL36070T SCHNEIDER-HDL36070T Datasheet
143Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, 70A, 3 pole, 600V, 14kA, interchangable trip unit
Jul 27, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com