Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1713402 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1713402
Description  Base strip - MCV 1,5/ 8-GF-3,81 P26 THRR56
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1713402 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1713402 Datasheet HTML 1Page - PHOENIX CONTACT 1713402 Datasheet HTML 2Page - PHOENIX CONTACT 1713402 Datasheet HTML 3Page - PHOENIX CONTACT 1713402 Datasheet HTML 4Page - PHOENIX CONTACT 1713402 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1713402
10/23/2014   Page 1 / 5
Base strip - MCV 1,5/ 8-GF-3,81 P26 THRR56 - 1713402
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm, Color:
black, Contact surface: Tin, Assembly: Taped SMD/THT/THR components, User information and design
recommendations for through hole reflow technology can be found under “Downloads”
Product Features
 Pitch: 3.5 and 3.81 mm
 Plug-in direction vertical to the PCB
 Low-profile THR headers with compact pitches
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
200 pc
Weight per Piece (excluding packing)
4.44 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
7.25 mm
Pitch
3.81 mm
Dimension a
26.67 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MCV 1,5/..-GF-THR
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV


Similar Part No. - 1713402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1713400 PHOENIX-1713400 Datasheet
645Kb / 11P
MCV 1,5/20-GF-3,5 P20 THR - PCB header
More results

Similar Description - 1713402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712801 PHOENIX-1712801 Datasheet
121Kb / 4P
Base strip - MCV 1,5/ 8-GFL-3,81 P26 THRR56
1712827 PHOENIX-1712827 Datasheet
120Kb / 4P
Base strip - MCV 1,5/ 8-GFR-3,81 P26 THRR56
1712940 PHOENIX-1712940 Datasheet
117Kb / 4P
Base strip - MCV 1,5/ 8-G-3,81 P26 THRR56
1713305 PHOENIX-1713305 Datasheet
83Kb / 4P
Base strip - MCV 1,5/ 7-GFR-3,81 P26 THRR56
1713376 PHOENIX-1713376 Datasheet
123Kb / 5P
Base strip - MCV 1,5/ 5-GF-3,81 P26 THRR56
1713389 PHOENIX-1713389 Datasheet
123Kb / 5P
Base strip - MCV 1,5/ 6-GF-3,81 P26 THRR56
1713392 PHOENIX-1713392 Datasheet
123Kb / 5P
Base strip - MCV 1,5/ 7-GF-3,81 P26 THRR56
1713457 PHOENIX-1713457 Datasheet
121Kb / 4P
Base strip - MCV 1,5/ 6-GL-3,81 P26 THRR56
1713473 PHOENIX-1713473 Datasheet
123Kb / 4P
Base strip - MCV 1,5/ 8-GL-3,81 P26 THRR56
1713486 PHOENIX-1713486 Datasheet
121Kb / 4P
Base strip - MCV 1,5/ 9-GL-3,81 P26 THRR56
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com