Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108PAPR Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM4108PAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108PAPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM4108PAPR Datasheet HTML 10Page - Texas Instruments PCM4108PAPR Datasheet HTML 11Page - Texas Instruments PCM4108PAPR Datasheet HTML 12Page - Texas Instruments PCM4108PAPR Datasheet HTML 13Page - Texas Instruments PCM4108PAPR Datasheet HTML 14Page - Texas Instruments PCM4108PAPR Datasheet HTML 15Page - Texas Instruments PCM4108PAPR Datasheet HTML 16Page - Texas Instruments PCM4108PAPR Datasheet HTML 17Page - Texas Instruments PCM4108PAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
14
PRODUCT OVERVIEW
The PCM4108 is a high-performance, eight-channel D/A
converter designed for professional audio systems. The
PCM4108 supports 16- to 24-bit linear PCM input data and
sampling frequencies up to 216kHz. The PCM4108
utilizes an 8x oversampling digital interpolation filter,
followed by a multi-level delta-sigma modulator with a
single
pole
switched
capacitor
output
filter.
This
architecture provides excellent dynamic and sonic
performance, as well as high tolerance to clock phase
jitter. Functional block diagrams in Figure 1 and Figure 2
illustrate Standalone and Software modes, respectively.
The PCM4108 incorporates a flexible audio serial port,
which accepts 16- to 24-bit PCM audio data in both
standard audio formats (Left-Justified, Right-Justified, and
Philips I2S) and TDM data formats. The TDM formats are
especially useful for interfacing to the synchronous serial
ports of digital signal processors.
The PCM4108 offers two modes for configuration control:
Software and Standalone. Software mode makes use of a
five-wire SPI port to access internal control registers,
allowing configuration of the full PCM4108 feature set.
Standalone mode offers a more limited subset of the
functions available in Software mode, while allowing for a
simplified pin-programmed configuration mode.
Digital
Filtering
and
Functions
Audio
Serial
Port
Control
V
OUT1+
V
OUT1−
V
OUT2+
V
OUT2−
V
OUT3+
V
OUT3−
V
OUT4+
V
OUT4−
Digital
Power
Analog
Power
System Clock
and
Timing
V
CC1
AGND1
V
CC21
AGND2
V
DD
DGND
References
V
REF1+
V
REF1−
V
REF2+
V
REF2−
V
COM1
V
REF3+
V
REF3−
V
REF4+
V
REF4−
V
COM2
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
V
OUT5+
V
OUT5−
V
OUT6+
V
OUT6−
V
OUT7+
V
OUT7−
V
OUT8+
V
OUT8−
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
LRCK
BCK
DATA0
DATA1
DATA2
DATA3
SCKI
RST
MUTE
DEM0
DEM1
SUBA
SUBB
FMT0
FMT1
FMT2
FS0
FS1
MODE
Figure 1. Functional Block Diagram for Standalone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com