Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB688 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2SB688
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2SB688 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2SB688 Datasheet HTML 1Page - First Silicon Co., Ltd 2SB688 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
240
20
0
AMBIENT TEMPERATURE, Ta (℃)
PC - Ta
80
100
200
40
60
120
160
40
80
(1)
(2)
(3)
(4)
(5)
(1)
Ta=Tc
INFINITEHEATSINK
(2)
300×300×2mm A1
HEAT SINK
(3)
200×200×2mm A1
HEAT SINK
(4)
100×100×2mm A1
HEAT SINK
(5)
NO HEAT SINK
--12
-10
-14
-4
COLLECTOR EMITTER VOLTAGE, VCE (V)
-6
IC - VCE
0
-2
-8
-10
0
-2
-4
-6
-8
COMMON EMITTER
TC=25℃
-200mA
-50mA
0mA
-30
0m
A
IB= -20mA
-100mA
-0.1
-10
-100
-1
COLLECTOR EMITTER VOLTAGE, VCE (V)
-300
SAFE OPERATING AREA
-1
-30
-3
-3
-30
-0.3
-0.5
-5
-10
IC MAX. (PULSED)※
IC MAX
(CONTINUOU )
※
SINGLE NONREPETITIVE
PULSE TC=25℃
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE.
t=1ms※
t=10ms※
t=100ms※
t=500ms※
DC
OP
ER
ATIO
N
TC=
25
℃
-10
COLLECTOR CURRENT, IC (A)
VCE(sat) - IC
-0.5
-1
-0 3
-0 01
-0.03
-0.1
-0 3
-0.05
-0.1
-0.03
-0.01
-3
-1
-3
-5
TC=25℃
TC=-25 ℃
TC
=1
00
℃
COMMON EMITTER
IC/IB=10
-0.01
30
10
COLLECTOR CURRENT, IC (A)
hFE - IC
300
1K
50
100
-0.03
-0.1
-0.3
-1
500
-3
-10
TC=100℃
TC=25℃
TC= -25℃
COMMON EMITTER
VCE=-5V
2011. 02. 22
2/2
Revision No : 0
2SB688



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com