Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD718 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2SD718
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH POWER AMPLIFIER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2SD718 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2SD718 Datasheet HTML 1Page - First Silicon Co., Ltd 2SD718 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
8
6
4
2
0
2
COLLECTOR-EMITTER VOLTAGE, V CE (V)
8
12
Ic - VCE
4
6
10
10
0
14
COMMON EMITTER
Tc=25°C
400
300
200
100
50
0
IB=20mA
1k
300
100
50
30
0.01
0.03
COLLECTOR CURRENT, Ic (A)
1
hFE - Ic
0.1
0.3
3
500
10
10
Tc=-25°C
1
0.3
0.1
0.05
0.03
0.01
0.03
COLLECTOR CURRENT, Ic (A)
1
VCE(sat) - Ic
0.1
0.3
3
0.5
0.01
10
COMMON EMITTER
Ic/IB=10
Tc=
100
C
Tc=25°C
Tc=-25°C
100
60
40
20
0
40
AMBIENT TEMPERATURE, Ta ( ℃ )
160
240
Pc - Ta
80
120
200
80
0
Ta=Tc
INFINITE HEAT SINK
300 300×2mm AI
HEAT SINK
200×200×2mm AI
HEAT SINK
100×100×2mm AI
HEAT SINK
NO HEAT SINK
1
3
4
5
2
1
2
3
4
5
Tc=25°C
Tc=100°C
COMMON EMITTER
VcE=5V
1
3
10
30
100
300
0.1
0.3
1
3
10
30
COLLECTOR-EMITTER VOLTAGE, V CE (V)
SAFE OPERATING AREA
IC MAX(PULSED) *
IC MAX(CONTINUOUS)
t=1mS *
10mS *
100mS *
*SINGLE NONREPETITIVE
PULSE Tc=25°C CURVES
MUST BE DERATED
LINEARLY WIHT INCREASE
IN TEMPERATURE.
2011. 02. 22
2/2
Revision No : 0
2SD718



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com