Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2964FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2964FE
Description  Silicon PNP Epitaxial Type (PCT Process) (Bias Resistor Built-in Transistor)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2964FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2964FE Datasheet HTML 1Page - Toshiba Semiconductor RN2964FE Datasheet HTML 2Page - Toshiba Semiconductor RN2964FE Datasheet HTML 3Page - Toshiba Semiconductor RN2964FE Datasheet HTML 4Page - Toshiba Semiconductor RN2964FE Datasheet HTML 5Page - Toshiba Semiconductor RN2964FE Datasheet HTML 6Page - Toshiba Semiconductor RN2964FE Datasheet HTML 7Page - Toshiba Semiconductor RN2964FE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN2961FE~RN2966FE
2004-07-01
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50 V, IE = 0
⎯
⎯
−100
Collector cut-off current
RN2961FE~2966FE
ICEO
VCE = −50 V, IB = 0
⎯
⎯
−500
nA
RN2961FE
−0.82
⎯
−1.52
RN2962FE
−0.38
⎯
−0.71
RN2963FE
−0.17
⎯
−0.33
RN2964FE
VEB = −10 V, IC = 0
−0.082
⎯
−0.15
RN2965FE
−0.078
⎯
−0.145
Emitter cut-off current
RN2966FE
IEBO
VEB = −5 V, IC = 0
−0.074
⎯
−0.138
mA
RN2961FE
30
⎯
⎯
RN2962FE
50
⎯
⎯
RN2963FE
70
⎯
⎯
RN2964FE
80
⎯
⎯
RN2965FE
80
⎯
⎯
DC current gain
RN2966FE
hFE
VCE = −5 V,
IC = −10 mA
80
⎯
⎯
Collector-emitter
saturation voltage
RN2961FE~2966FE
VCE (sat)
IC = −5 mA,
IB = −0.25 mA
⎯
−0.1
−0.3
V
RN2961FE
−1.1
⎯
−2.0
RN2962FE
−1.2
⎯
−2.4
RN2963FE
−1.3
⎯
−3.0
RN2964FE
−1.5
⎯
−5.0
RN2965FE
−0.6
⎯
−1.1
Input voltage (ON)
RN2966FE
VI (ON)
VCE = −0.2 V,
IC = −5 mA
−0.7
⎯
−1.3
V
RN2961FE~2964FE
−1.0
⎯
−1.5
Input voltage (OFF)
RN2965FE, 2966FE
VI (OFF)
VCE = −5 V,
IC = −0.1 mA
−0.5
⎯
−0.8
V
Transition frequency
RN2961FE~2966FE
fT
VCE = −10 V,
IC = −5 mA
⎯
200
⎯
MHz
Collector output
capacitance
RN2961FE~2966FE
Cob
VCB = −10 V, IE = 0,
f
= 1 MHz
⎯
3
6
pF
RN2961FE
3.29
4.7
6.11
RN2962FE
7
10
13
RN2963FE
15.4
22
28.6
RN2964FE
32.9
47
61.1
RN2965FE
1.54
2.2
2.86
Input resistor
RN2966FE
R1
⎯
3.29
4.7
6.11
k
Ω
RN2961FE~2964FE
0.9
1.0
1.1
RN2965FE
0.0421 0.0468 0.0515
Resistor ratio
RN2966FE
R1/R2
⎯
0.09
0.1
0.11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com