Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3450 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 9Page - SMSC Corporation USB3450 Datasheet HTML 10Page - SMSC Corporation USB3450 Datasheet HTML 11Page - SMSC Corporation USB3450 Datasheet HTML 12Page - SMSC Corporation USB3450 Datasheet HTML 13Page - SMSC Corporation USB3450 Datasheet HTML 14Page - SMSC Corporation USB3450 Datasheet HTML 15Page - SMSC Corporation USB3450 Datasheet HTML 16Page - SMSC Corporation USB3450 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
13
Revision 0.1 (05-11-05)
DATASHEET
22
DATA[7]
I/O,
CMOS,
Pull-low
N/A
8-bit bi-directional data bus. Data[7] is the MSB and
Data[0] is the LSB.
23
DATA[6]
I/O,
CMOS,
Pull-low
N/A
24
DATA[5]
I/O,
CMOS,
Pull-low
N/A
25
DATA[4]
I/O,
CMOS,
Pull-low
N/A
26
DATA[3]
I/O,
CMOS,
Pull-low
N/A
27
DATA[2]
I/O,
CMOS,
Pull-low
N/A
28
DATA[1]
I/O,
CMOS,
Pull-low
N/A
29
DATA[0]
I/O,
CMOS,
Pull-low
N/A
30
RXVALID
Output
High
Receive Data Valid. Indicates that the DATA bus has
received valid data. The Receive Data Holding
Register is full and ready to be unloaded. The Link
is expected to register the DATA bus on the rising
edge of CLKOUT.
31
HOST
Input
N/A
Host Pull-down Select. This signal enables the 15k
Ohm pull-down resistor on the DM line.
0: Pull-down resistor not connected to DM
1: Pull-down resistor connected to DM
32
RXERROR
Output
High
Receive Error. This output is clocked with the same
timing as the receive DATA lines and can occur at
anytime during a transfer.
0: Indicates no error.
1: Indicates a receive error has been detected.
33
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for Hi-Speed
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
34
VDD1.8
N/A
N/A
1.8V regulator output for digital circuitry on chip.
Place a 4.7uF low ESR capacitor near this pin and
connect the capacitor from this pin to ground.
Connect pin 34 to pin 19. See Section 6.6.1,
"Internal Regulators".
35
XO
Output,
Analog
N/A
Crystal pin. If using an external clock on XI this pin
should be floated.
Table 3.1 USB3450 Pin Definitions (continued)
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com