Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSFAL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RSFAL
Description  0.5 AMP. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RSFAL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RSFAL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RSFAL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 384 -
0.114(2.9)
0.106(2.7)
DETAIL "A", SCALE=20/1
A
5
O
5
O
0.15(3.8)
0.134(3.4)
RSFAL THRU RSFML
0.5 AMP. Surface Mount Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
0.5 Ampere
Features
For surface mounted application
Glass passivated junction chip
High temperature metallurgically bonded
construction
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Fast switching for high efficiency
High temperature soldering:
260
℃/ 10 seconds at terminals
Mechanical Data
Cases: Sub SMA plastic case
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 12mm tape per E1A STD
RS-481
Weight: 15mg
Sub SMA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
RSF
AL
RSF
BL
RSF
DL
RSF
GL
RSF
JL
RSF
KL
RSF
ML
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Marking Code ( Note 4 )
FALYM FBLYM FDLYM FGLYM FJLYM FKLYM FMLYM
Maximum Average Forward Rectified Current
See Fig. 1 @TL=55
OC
I(AV)
0.5
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
10
A
Max. Full Load Reverse Current, Full cycle
Average
TA =55
℃
IR
30
uA
Maximum Instantaneous Forward Voltage
@ 0.5A
VF
1.3
V
Maximum DC Reverse Current @ TA =25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5
50
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
4.0
pF
Typical Thermal Resistance (Note 3)
R
θJA
R
θJL
150
32
℃/W
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Measured on P.C.Board with 0.2” x 0.2” (5mm x 5mm) Copper Pad Areas.
4. FALYM: F=0.5A, A=50V, L-Low Profile, Y-Year Code, M-Month Code.


Similar Part No. - RSFAL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RSFAL TSC-RSFAL Datasheet
327Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL Datasheet
447Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL Datasheet
198Kb / 2P
0.5AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL_1 Datasheet
327Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL_10 Datasheet
447Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RSFAL

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4933A BYTES-SM4933A Datasheet
164Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF101 BYTES-SMF101 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RSFAL TSC-RSFAL_1 Datasheet
327Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RS1A TSC-RS1A Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
SMF101 UNIOHM-SMF101 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL_10 Datasheet
447Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RS2A TSC-RS2A_11 Datasheet
190Kb / 2P
2.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
DL4933 WINNERJOIN-DL4933 Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com