Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC1675 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC1675
Description  NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC1675 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC1675 Datasheet HTML 1Page - First Silicon Co., Ltd FTC1675 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN TRANSISTOR
FEATURES
·FTC1675 is designed for use in AM converter
AM/FM if amplifier and local oscillator of AM/FM tuner
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.05
A
PC
Collector Power Dissipation
0.25
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 10
μA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 5mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10
μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=50V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
DC current gain
hFE
VCE=6V, IC= 1mA
40
240
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
0.3
V
Base-emitter voltage
VBE(on)
VCE=6V, IC= 1mA
0.75
V
Transition frequency
fT
VCE=6V, IC= 1mA
150
MHz
Collector output capacitance
Cob
VCB=6V, IE=0, f=1MHz
2.5
pF
CLASSIFICATION OF
hFE
Y
O
R
k
n
a
R
Range
40-80
70-140
120-240
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
SEMICONDUCTOR
TECHNICAL DATA
FTC1675
2010. 09. 28
1/2
Revision No : 0


Similar Part No. - FTC1675

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FTC16A60 FCI-FTC16A60 Datasheet
243Kb / 3P
16Amp Triac FTC16A60 Non- Insulated Pack High Commutation dv/dt
FTC16A60F FCI-FTC16A60F Datasheet
96Kb / 1P
16Amps Triac Rectifiers Isolated Type
More results

Similar Description - FTC1675

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com