Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3198 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3198
Description  General Purpose Switching Application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3198 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3198 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3198 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTC3198
2014. 02.10
2/2
Revision No : 0
1
10
100
10
100
1000
1
10
100
400
600
800
1000
1
10
100
0
100
200
300
400
500
03
6
9
12
0
1
2
3
4
5
0
25
50
75
100
125
150
0
125
250
375
500
625
750
1
1
0
10
0.1
1
10
10
100
1000
150
150
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
h
FE
——
β=10
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=6V
I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
150
15.0uA
13.5uA
12.0uA
10.5uA
9.0uA
7.5uA
6.0uA
4.5uA
Static Characteristic
3.0uA
I
B=1.5uA
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
3
1
3
Typical Characterisitics
f=1MHz
I
E=0/IC=0
T
a=25
20
V
CB/ VEB
C
ob/ Cib
——
Cob
Cib
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com