Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3202 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3202
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3202 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3202 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3202 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS(Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-BASE breakdown voltage
V(BR)CBO
IC = 0.1mA, IB=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC = 1mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 0.1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 35V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
hFE(1)
VCE= 1V, IC= 100mA
70
400
DC current gain
hFE(2)
VCE= 6V, IC= 400mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 10mA
0.25
V
Base-Emitter Saturation Voltage
VBE
VCE=1V, IC= 100mA
1.0
V
Transition frequency
fT
VCE= 6V, IC= 20mA
300
MHz
Collector Output Capacitance
Cob
VCB= 6V, IE= 0,f=1 MHz
7.0
pF
CLASSIFICATION OF hFE
Rank
O
Y
GR
Range hFE(1)
70-140
120-240
Range hFE(2)
0
4
5
2
2010. 07. 22
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTC3202
FEATURE
Complementary PNP Type available (FTA1270)
General Purpose Transistor
NPN Silicon
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - FTC3202

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3200 FS-FTC3200 Datasheet
296Kb / 2P
LOW NOISE AUDIO AMPLIFIER APPLICATION
FTC3203 FS-FTC3203 Datasheet
223Kb / 2P
Complementary to FTA1271
FTC3205 FS-FTC3205 Datasheet
205Kb / 2P
Complementary to FTA1273
More results

Similar Description - FTC3202

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com