Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3203 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3203
Description  Complementary to FTA1271
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3203 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3203 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3203 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 04. 27
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTC3203
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. COLLECTOR
3. BASE
FTC3203
TRANSISTOR (NPN)
FEATURES
Complementary to FTA1271
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
V
5
3
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
Collector-Emitter Voltage
30
V
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
Collector Current -Continuous
800
mA
PC
Collector Power Dissipation
625
mW
TJ
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC = 0.1mA, IB=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC = 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 0.1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 35V ,
IE=0
0.1
μA
Collector cut-off current
ICEO
VCE= 25V ,
IB=0
0.2
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
hFE(1)
VCE=1V, IC= 100mA
100
320
DC current gain
hFE(2)
VCE=1V, IC= 700mA
35
Collector-emitter saturation voltage
VCE(sat)
IC= 500 mA, IB= 20mA
0.5
V
Base-emitter voltage
VBE
VCE= 1V, IC= 10mA
0.8
V
Transition frequency
f T
VCE= 5 V, IC= 10mA
120
MHz
Collector Output Capacitance
Cob
VCB=10V,IE= 0,f=1MHz
13
pF
CLASSIFICATION OF hFE(1)
Rank
Y
O
Range
0
2
3
-
0
6
1
0
0
2
-
0
0
1


Similar Part No. - FTC3203

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3200 FS-FTC3200 Datasheet
296Kb / 2P
LOW NOISE AUDIO AMPLIFIER APPLICATION
FTC3202 FS-FTC3202 Datasheet
190Kb / 2P
General Purpose Transistor
FTC3205 FS-FTC3205 Datasheet
205Kb / 2P
Complementary to FTA1273
More results

Similar Description - FTC3203

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
KTA1504 MAKOSEMI-KTA1504 Datasheet
139Kb / 2P
Complementary To KTC3875.
C945 MAKOSEMI-C945 Datasheet
99Kb / 2P
Complementary to A733
2SA1662 MAKOSEMI-2SA1662 Datasheet
88Kb / 2P
Complementary to KTC4374
logo
Toshiba Semiconductor
2SB1688 TOSHIBA-2SB1688 Datasheet
32Kb / 4P
complementary to 2sc5174
2SA1932 TOSHIBA-2SA1932 Datasheet
198Kb / 4P
complementary to 2sc5174
logo
First Silicon Co., Ltd
FTA1662 FS-FTA1662 Datasheet
108Kb / 2P
Complementary to FTC4374
FTC3205 FS-FTC3205 Datasheet
205Kb / 2P
Complementary to FTA1273
FTC4374 FS-FTC4374 Datasheet
91Kb / 1P
Complementary to FTA1662
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com